Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 7Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 8Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 9Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 10Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 11Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 12Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 13Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 14Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
11
Data Sheet
LIST OF TABLES
Table 1. PCI Configuration Registers .................................................................................................................... 13
Table 2. PCI Operation Registers .......................................................................................................................... 14
Table 3. Add-On Bus Operation Registers ............................................................................................................ 15
Table 4. Address and Data Pins — PCI Local Bus ................................................................................................ 20
Table 5. System Pins — PCI Local Bus ................................................................................................................. 21
Table 6. Interface Control Pins — PCI Bus Signal ................................................................................................. 21
Table 7. Arbitration Pins (Bus Masters Only) — PCI Local Bus ............................................................................. 21
Table 8. Error Reporting Pins — PCI Local Bus .................................................................................................... 22
Table 9. Interrupt Pin — PCI Local Bus ................................................................................................................. 22
Table 10. Serial nv Devices ................................................................................................................................... 23
Table 11. Byte-Wide nv Devices ............................................................................................................................ 23
Table 12. Register Access Pins ............................................................................................................................. 24
Table 13. FIFO Access Pins .................................................................................................................................. 25
Table 14. Pass-Thru Interface Pins ....................................................................................................................... 25
Table 15. System Pins ........................................................................................................................................... 26
Table 16. Configuration Registers ......................................................................................................................... 27
Table 17. Vendor Identification Register ................................................................................................................ 29
Table 18. Device Identification Register ................................................................................................................ 30
Table 19. PCI Command Register ......................................................................................................................... 32
Table 20. PCI Status Register ............................................................................................................................... 34
Table 21. Revision Identification Register .............................................................................................................. 35
Table 22. Defined Base Class Codes .................................................................................................................... 36
Table 23. Base Class Code 00h: Early, Pre-2.0 Specification Devices ................................................................. 37
Table 24. Base Class Code 01h: Mass Storage Controllers .................................................................................. 37
Table 25. Base Class Code 02h: Network Controllers ........................................................................................... 37
Table 26. Base Class Code 03h: Display Controllers ............................................................................................ 37
Table 27. Base Class Code 04h: Multimedia Devices ........................................................................................... 37
Table 28. Base Class Code 05h: Memory Controllers ........................................................................................... 37
Table 29. Base Class Code 06h: Bridge Devices .................................................................................................. 38
Table 30. Base Class Code 07h: Simple Communications Controllers ................................................................. 38
Table 31. Base Class Code 08h: Base System Peripherals .................................................................................. 38
Table 32. Base Class Code 09h: Input Devices .................................................................................................... 38
Table 33. Base Class Code 0Ah: Docking Stations ............................................................................................... 39
Table 34. Base Class Code 0Bh: Processors ........................................................................................................ 39
Table 35. Base Class Code 0Ch: Serial Bus Controllers ....................................................................................... 39
Table 36. Built-In Self-Test Register ...................................................................................................................... 43
Table 37. Base Address Register — Memory (Bit 0 = 0) ....................................................................................... 46
Table 38. Base Address Register — I/O (Bit 0 = 1) ............................................................................................... 46
Table 39. Read Response (Memory Assigned) to an All-Ones Write Operation to a Base Address Register ...... 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com