Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 25 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 25 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 21Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 22Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 23Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 24Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 25Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 26Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 27Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 28Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 29Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
25
Data Sheet
SELECT#
in
Select for the Add-On interface. This signal must be driven low for any write or read access to the Add-
On interface registers. This signal must be stable during the assertion of command signals WR# or
RD#.
WR#
in
Write strobe. This pin, when asserted in conjunction with the SELECT# pin, causes the writing of one
of the internal registers. The specific register and operand size are identified through address pins
ADR[6:2] and the byte enables, BE[3:0]#.
RD#
in
Read strobe. This pin, when asserted in conjunction with the SELECT# pin, causes the reading of one
of the internal registers. The specific register and operand size are identified through address pins
ADR[6:2] and the byte enables BE[3:0]#.
MODE
in
This pin control whether the S5335 data accesses on the DQ bus are to be 32-bits wide (MODE = low)
or 16-bits wide (MODE = high). When in the 16 bit mode, the signal BE3# is reassigned as the address
signal ADR1. MODE has an internal 50k Ohm pull-up resistor.
Table 13. FIFO Access Pins
Signal
Type
Description
WRFIFO#
in
Write FIFO. This signal provides a method to directly write the FIFO without having to generate the
SELECT# signal or the ADR[6:2] value of [01000b] to access the FIFO. Access width is either 32 bits
or 16 bits depending on the data bus size available. This signal is intended for implementing PCI DMA
transfers with the Add-On system. WRFIFO# has an internal 50k Ohm pull-up resistor.
RDFIFO#
in
Read FIFO. This signal provides a method to directly read the FIFO without having to generate the
SELECT# signal or the ADR[6:2] value of [01000b] to access the FIFO. Access width is either 32 bits
or 16 bits, depending on the data bus size defined by the MODE pin. This signal is intended for imple-
menting PCI DMA transfers with the Add-On system. RDFIFO# has an internal 50k Ohm pull-up resis-
tor.
WRFULL
out
Write FIFO full. This pin indicates whether the Add-On-to-PCI bus FIFO is able to accept more data.
This pin is intended to be used to implement DMA hardware on the Add-On system bus. A logic low
output from this pin can be used to represent a DMA write (Add-On to-PCI FIFO) request.
RDEMPTY
out
Read FIFO Empty. This pin indicates whether the read FIFO (PCI-to-Add-On FIFO) contains data.
This pin is intended to be used by the Add-On system to control DMA transfers from the PCI bus to the
Add-On system bus. A logic low from this pin can be used to represent a DMA (PCI-to-Add-On FIFO)
request.
Table 14. Pass-Thru Interface Pins
Signal
Type
Description
PTATN#
out
Pass-Thru Attention. This signal identifies that an active PCI bus cycle has been decoded and data
must be read from or written to the Pass-Thru Data Register.
PTBURST#
out
Pass-Thru Burst. This signal identifies PCI bus operations involving the current Pass-Thru cycle as
requesting burst access.
PTRDY#
in
Pass-Thru Ready. This input indicates when Add-On logic has completed a Pass-Thru cycle and
another may be initiated.
PTNUM[1:0]
out
Pass-Thru Number. These signals identify which of the four base address registers decoded a Pass-
Thru bus activity. These bits are only meaningful when signal PTATN# is active. A value of 00 corre-
sponds to Base Address Register 1, a value of 01 for Base Address Register 2, and so on.
Table 12. Register Access Pins (Continued)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com