Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 63 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 63 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 59Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 60Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 61Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 62Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 63Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 64Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 65Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 66Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 67Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
63
Data Sheet
Interrupt Control/Status Register (INTCSR)
This register provides the method for choosing which
conditions are to produce an interrupt on the PCI bus
interface, a method for viewing the cause of the inter-
rupt, and a method for acknowledging (removing) the
interrupt’s assertion.
Interrupt sources:
•
Write Transfer Terminal Count = zero
•
Read Transfer Terminal Count = zero
•
One of the Outgoing mailboxes (1,2,3 or 4)
becomes empty
•
One of the Incoming mailboxes (1,2,3 or 4)
becomes full.
•
Target Abort
•
Master Abort
Figure 29. Interrupt Control/Status Register
Register Name:
Interrupt Control and Status
PCI Address Offset:
38h
Power-up value:
00000000h
Attribute:
Read/Write (R/W), Read/
Write_One_Clear (R/WC)
Size:
32 bits
31
0
15 14
12
8
4
Bit
Value
16
21
23
24
FIFO and Endian Control
0
Read Transfer
Complete (R/WC)
Write Transfer
Complete (R/WC)
Incoming Mailbox
Interrupt (R/WC)
Outgoing Mailbox
Interrupt (R/WC)
Interrupt Asserted (RO)
Target Abort (R/WC)
Master Abort (R/WC)
00 0 0
D4-D0 Outgoing Mailbox
(Goes empty)
D4=Enable Interrrupt
D3-D2=Mailbox #
0 0=Mailbox 1
0 1=Mailbox 2
1 0=Mailbox 3
1 1=Mailbox 4
D1-D0=Byte #
0 0=Byte 0
0 1=Byte 1
1 0=Byte 2
1 1=Byte 3
D12-D8 Incoming Mailbox (R/W)
(Becomes full)
D12=Enable Interrupt
D11-D10=Mailbox
0 0=Mailbox 1
0 1=Mailbox 2
1 0=Mailbox 3
1 1=Mailbox 4
D9-D8=Byte #
0 0=Byte 0
0 1=Byte 1
1 0=Byte 2
1 1=Byte 3
Interrupt on Write
Transfer Complete
Interrupt on Read
Transfer Complete
Interrupt Source (R/W)
Enable & Selection
Actual Interrupt
Interrupt Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com