Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 33 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 29Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 30Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 31Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 32Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 33Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 34Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 35Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 36Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
33
Data Sheet
PCI Status Register (PCISTS)
This 16-bit register contains the PCI status informa-
tion. The function of this register is defined by the PCI
specification and its implementation is required of all
PCI devices. Only some of the bits are used by this
device; those which are not used are hardwired to 0.
Most status bits within this register are designated as
“write clear,” meaning that in order to clear a given bit,
the bit must be written as a 1. All bits written with a 0
are left unchanged. These bits are identified in Figure
10 as (R/WC). Those which are Read Only are shown
as (RO) in Figure 10.
Figure 10. PCI Status Register
Register Name:
PCI Status
Address Offset:
06h-07h
Power-up value:
0080h
Boot-load:
not used
Attribute:
Read Only (RO), Read/Write Clear
(R/WC)
Size:
16 bits
7
X
0
0
X
X
X
6
X
X
Reserved (RO)
Signaled Target Abort (R/WC)
Received Target Abort (R/WC)
Received Master Abort (R/WC)
Signaled System Error (R/WC)
Detected Parity Error (R/WC)
0
15
14
13
12
11
10
9
8
Reserved (RO) = 00's
Fast Back-to-Back (RO)
Data Parity Reported (R/WC)
DEVSEL# Timing Status (RO)
0 0 = Fast (S5335)
0 1 = Medium
1 0 = Slow
1 1 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com