Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 32 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 32 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 28Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 29Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 30Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 31Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 32Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 33Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 34Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 35Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 36Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
32
Data Sheet
Table 19. PCI Command Register
Bit
Description
15:10
Reserved. Equals all 0’s.
9
Fast Back-to-Back Enable. The S5335 does not support this function. This bit must be set to zero. This bit is cleared
to a 0 upon RESET#.
8
System Error Enable. When this bit is set to 1, it permits the S5335 controller to drive the open drain output pin,
SERR#. This bit is cleared to 0 upon RESET#. The SERR# pin driven active normally signifies a parity error on the
address/control bus.
7
Wait Cycle Enable. This bit controls whether this device does address/data stepping. Since the S5335 controller
never uses stepping, it is hardwired to 0.
6
Parity Error Enable. This bit, when set to a one, allows this controller to check for parity errors. When a parity error is
detected, the PCI bus signal PERR# is asserted. This bit is cleared (parity testing disabled) upon the assertion of
RESET#.
5
Palette Snoop Enable. This bit is not supported by the S5335 controller and is hardwired to 0. This feature is used
solely for PCI-based VGA devices.
4
Memory Write and Invalidate Enable. This bit allows certain Bus Master devices to use the Memory Write and Inval-
idate PCI bus command when set to 1. When set to 0, masters must use the Memory Write command instead. The
S5335 controller does not support this command when operated as a master and therefore it is hardwired to 0.
3
Special Cycle Enable. Devices which are capable of monitoring special cycles can do so when this bit is set to 1.
The S5335 controller does not monitor (or generate) special cycles and this bit is hardwired to 0.
2
Bus Master Enable. This bit, when set to a one, allows the S5335 controller to function as a bus master. This bit is
initialized to 0 upon the assertion of signal pin RESET#.
1
Memory Space Enable. This bit allows the S5335 controller to decode and respond as a target for memory regions
that may be defined in one of the five base address registers. This bit is initialized to 0 upon the assertion of signal
pin RESET#.
0
I/O Space Enable. This bit allows the S5335 controller to decode and respond as a target to I/O cycles which are to
regions defined by any one of the five base address registers. This bit is initialized to 0 upon the assertion of signal
pin RESET#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com