Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 47 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 43Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 44Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 45Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 46Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 47Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 48Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 49Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 50Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
47
Data Sheet
1. The two most significant bits define bus width for BADR1:4 in Pass-Thru operation).
2. Bits D3, D2 and D1 may be set to indicate other attributes for the memory space. See text for details.
3. BADR5 register is not implemented and will return all 0’s.
Table 39. Read Response (Memory Assigned) to an All-Ones Write Operation to a Base Address Register
Response
Size in bytes
[EPROM boot value]1
00000000h
FFFFFFF0h
FFFFFFE0h
FFFFFFC0h
FFFFFF80h
FFFFFF00h
FFFFFE00h
FFFFFC00h
FFFFF800h
FFFFF000h
FFFFE000h
FFFFC000h
FFFF8000h
FFFF0000h
FFFE0000h
FFFC0000h
FFF80000h
FFF00000h
FFE00000h
FFC00000h
FF800000h
FF000000h
FE000000h
FC000000h
F8000000h
F0000000h
E0000000h
none - disabled
16 bytes (4 DWORDs)
32 bytes (8 DWORDs)
64 bytes (16 DWORDs)
128 bytes (32 DWORDs)
256 bytes (64 DWORDs)
512 bytes (128 DWORDs)
1K bytes (256 DWORDs)
2K bytes (512 DWORDs)
4K bytes (1K DWORDs)
8K bytes (2K DWORDs)
16K bytes (4K DWORDs)
32K bytes (8K DWORDs)
64K bytes (16K DWORDs)
128K bytes (32K DWORDs)
256K bytes (64K DWORDs)
512K bytes (128K DWORDs)
1M bytes (256K DWORDs)
2M bytes (512K DWORDs)
4M bytes (1M DWORDs)
8M bytes (2M DWORDs)
16M bytes (4M DWORDs)
32M bytes (8M DWORDs)
64M bytes (16M DWORDs)
128M bytes (32M DWORDs)
256M bytes (64M DWORDs)
512M bytes (128M DWORDs)
00000000h or BIOS missing2,3
FFFFFFF0h
FFFFFFE0h
FFFFFFC0h
FFFFFF80h
FFFFFF00h
FFFFFE00h
FFFFFC00h
FFFFF800h
FFFFF000h
FFFFE000h
FFFFC000h
FFFF8000h
FFFF0000h
FFFE0000h
FFFC0000h
FFF80000h
FFF00000h
FFE00000h
FFC00000h
FF800000h
FF000000h
FE000000h
FC000000h
F8000000h
F0000000h
E0000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com