Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 95 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 95 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 91Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 92Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 93Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 94Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 95Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 96Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 97Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 98Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 99Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
95
Data Sheet
Read accesses from the S5335 operation registers
(S5335 as a target) are shown in Figure 47. The
S5335 conditionally asserts STOP# in clock period 3 if
the initiator keeps FRAME# asserted during clock
period 2 with IRDY# asserted (indicating a burst is
being attempted). Wait states may be added by the ini-
tiator by not asserting the signal IRDY# during clock 3
and beyond. If FRAME# remains asserted, but IRDY#
is not asserted, the initiator is just adding wait states,
not necessarily attempting a burst.
There is only one condition where accesses to S5335
operation registers do not return TRDY# but do assert
STOP#. This is called a target-initiated termination or
target disconnect and occurs when a read attempt is
made to an empty S5335 FIFO. The assertion of
STOP# without the assertion of TRDY# indicates that
the initiator should retry the operation later.
When burst read transfers are attempted to the S5335
operation registers, STOP# is asserted during the first
data transfer to indicate to the initiator that no further
transfers (data phases) are possible. This is a target-
initiated termination where the target disconnects after
the first data transfer. Figure 48 shows the signal rela-
tionships during a burst read attempt to the S5335
operation registers.
Figure 47. Single Data Phase PCI Bus Read of S5335 Registers (S5335 as Target)
Figure 48. Burst PCI Bus Read Attempt to S5335 Registers (S5335 as Target)
FRAME #
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
DEVSEL#
ST O P#
ADDRESS
DAT A
BYT E ENABLES
BUS
COMMAND
1
23
4
5
(I)
(I)
(I)
(T)
(T)
(T)
(I)
(T)
(I)
= DRIVEN BY INIT IAT OR
(T ) = DRIVEN BY T ARGET
PCI CLOCK
FRAME #
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
DEVSEL#
ST O P#
ADDRESS
DATA
BYTE ENABLES (1)
1
23
4
5
(I)
(I)
(T
)
(T
)
(T
)
(T)
(I)
(I)
BE(2)
BUSCOMMAND
(I) = DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com