Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 37 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 33Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 34Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 35Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 36Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 37Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 38Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 39Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 40Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
37
Data Sheet
Table 23. Base Class Code 00h: Early, Pre-2.0 Specification Devices
Sub-Class
Prog I/F
Description
00h
01h
00h
00h
All devices other than VGA
VGA-compatible device
Table 24. Base Class Code 01h: Mass Storage Controllers
Sub-Class
Prog I/F
Description
00h
01h
02h
03h
04h
80h
00h
xxh
00h
00h
00h
00h
SCSI controller
IDE controller
Floppy disk controller
IPI controller
RAID controller
Other mass storage controller
Table 25. Base Class Code 02h: Network Controllers
Sub-Class
Prog I/F
Description
00h
01h
02h
03h
80h
00h
00h
00h
00h
00h
Ethernet controller
Token ring controller
FDDI controller
ATM controller
Other network controller
Table 26. Base Class Code 03h: Display Controllers
Sub-Class
Prog I/F
Description
00h
00h
01h
80h
00h
01h
00h
00h
VGA-compatible controller
8514 compatible controller
XGA controller
Other display controller
Table 27. Base Class Code 04h: Multimedia Devices
Sub-Class
Prog I/F
Description
00h
01h
80h
00h
00h
00h
Video device
Audio device
Other multimedia device
Table 28. Base Class Code 05h: Memory Controllers
Sub-Class
Prog I/F
Description
00h
01h
80h
00h
00h
00h
RAM memory controller
Flash memory controller
Other memory controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com