Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 19 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 19 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 15Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 16Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 17Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 18Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 19Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 20Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 21Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 22Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 23Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
19
Data Sheet
Signal Type Definition
The following signal type definitions [in, out, t/s, s/t/s and o/d] are taken from Revision 2.1 of the PCI local bus
specification.
Note that a # symbol at the end of a signal name denotes that the active state occurs when the signal is at a low voltage. When no # symbol is
present, the signal is active high.
Figure 6. S5335 Signal Pins
in
Input is a standard input-only signal.
out
Totem Pole Output is a standard active driver.
t/s
Tri-State ® is a bidirectional, tristate input/output pin.
s/t/s
Sustained Tri-State is an active low tristate signal owned and driven by one and only one agent at a time. The agent
that drives an s/t/s pin low must drive it high for at least one clock before letting it float. A new agent cannot start driv-
ing a s/t/s signal any sooner than one clock after the previous owner tri-states it. A pull-up is required to sustain the
inactive state until another agent drives it, and must be provided by the central source.
o/d
Open Drain allows multiple devices to share as a wire-OR.
PCLK
INTA#
RST#
AD[31:0]
C/BE[3:0]#
REQ#
GNT#
FRAME#
DEVSEL#
IRDY#
TRDY#
IDSEL
STOP#
LOCK#
PAR#
PERR#
SERR#
MODE
RSVD
SNV
BPCLK
IRQ#
SYSRST
DQ[31:0]
SELECT#
ADR[6:2]
BE[3:0]#
RD#
WR#
PTATN#
PTBURST#
PTNUM[1:0]
PTBE[3:0]#
PTADR#
PTWR
PTRDY#
RDFIFO#
WRFIFO#
RDEMPTY
WRFULL
EA[15:0]
EQ[7:0]
EWR#/SDA
ERD#/SCL
Add-On
Bus
Control
S5335
Register
Access
Pass-Thru
Control/
Access
Serial
Config/BIOS
Opt.
Direct
FIFO
Access
Byte
Wide
Config/BIOS
Opt.
S5335
Control
S5335
Add-On
Data
Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com