Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 23 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 23 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 19Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 20Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 21Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 22Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 23Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 24Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 25Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 26Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 27Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
23
Data Sheet
NON-VOLATILE MEMORY INTERFACE
SIGNALS
This signal grouping provides for connection to exter-
nal non-volatile memories. Either a serial or byte-wide
device may be used.
The serial interface shares the read and write control
pins used for interfacing with byte-wide memory
devices. Since it is intended that only one (serial or
byte wide) configuration be used in any given imple-
mentation, separate descriptions are provided for
each. The S5335 provides the pins necessary to inter-
face to a byte wide non-volatile memory. When they
are connected to a properly configured serial memory,
these byte wide interface pins assume alternate func-
tions. These alternate functions include added
external FIFO status flags, FIFO reset control, Add-On
control for bus mastering and a hardware interface
mailbox port..
Table 10. Serial nv Devices
Signal
Type
Description
SCL
out
Serial Clock. This output is intended to drive a two-wire Serial Interface and functions as the bus’s master.
It is intended that this signal be directly connected to one or more inexpensive serial non-volatile RAMs or
EEPROMs. This pin is shared with the byte wide interface signal, ERD#.
SDA
t/s
Serial Data/Address. This bidirectional pin is used to transfer addresses and data to or from a serial
nvRAM or EEPROM. It is an open drain output and intended to be wire-ORed with all other devices on the
serial bus using a 4.7K external pull-up resistor. This pin is shared with the byte wide interface signal,
EWR#.
SNV
in
Serial Non-Volatile Device. This input, when high, indicates a serial boot device or no boot device is
present. When this pin is low, a byte-wide boot device is present.
Table 11. Byte-Wide nv Devices
Signal
Type
Description
EA[15:00]
out
External nv memory address. These signals connect directly to the external BIOS (or EEPROM) or
EPROM address pins EA0 through EA15. The PCI interface controller assembles 32-bit-wide accesses
through multiple read cycles of the 8-bit device. The address space from 0040h through 007Fh is used
to preload and initialize the PCI configuration registers. Should an external nv memory be used, the
minimum size required is 128 bytes and the maximum is 64K bytes. When a serial memory is con-
nected to the S5335, the pins EA[7:0] are reconfigured to become a hardware Add-On to PCI mailbox
register with the EA8 pin as the mailbox load clock. Also, the EA15 signal pin will provide an indication
that the PCI to Add-On FIFO is full (FRF#), and the EA14 signal pin will indicate whether the Add-On to
PCI FIFO is empty (FWE#).
ERD#
out
External nv memory read control. This pin is asserted during read operations involving the external
non-volatile memory. Data is transferred into the S5335 during the low to high transition of ERD#. This
pin is shared with the serial external memory interface signal, SCL.
EWR#
t/s
External nv memory write control. This pin is asserted during write operations involving the external
non-volatile memory. Data is presented on pins EQ[7:0] along with its address on pins EA[15:0]
throughout the entire assertion of EWR#. This pin is shared with the serial external memory interface
signal, SDA.
EQ[7:0]
t/s
External memory data bus. These pins are used to directly connect with the data pins of an external
non-volatile memory. When a serial memory is connected to the S5335, the pins EQ4, EQ5, EQ6 and
EQ7 become reconfigured to provide signal pins for bus mastering control from the Add-On interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com