Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 64 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 64 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 60Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 61Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 62Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 63Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 64Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 65Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 66Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 67Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 68Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
64
Data Sheet
Figure 30. FIFO Management and Endian Control Byte
0
0
1
1
0
NO CONVERSION (DEFAULT)
1
16 BIT ENDIAN CONV.
0
32 BIT ENDIAN CONV.
1
64 BIT ENDIAN CONV
FIFO ADVANCE CONTROL
PCI INTERFACE
0 0
BYTE 0
(DEFAULT)
0 1
BYTE 1
1 0
BYTE 2
1 1
BYTE 3
FIFO ADVANCE CONTROL
ADD-ON INTERFACE
0 0
BYTE 0 (DEFAULT)
0 1
BYTE 1
1 0
BYTE 2
1 1
BYTE 3
OUTBOUND FIFO
PCI
ADD-ON DWORD
TOGGLE
0 = BYTES 0-3 (DEFAULT)
1 = BYTE 4-7 (NOTE1)
INBOUND FIFO
ADD-ON PCI
DWORD
TOGGLE
0 = BYTES 0-3 (DEFAULT)
1 = BYTE 4-7
NOTE 1: D24 and D25 MUST BE ALSO "1"
31 30 29
28 27
26 25
24
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com