Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 70 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 70 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 66Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 67Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 68Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 69Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 70Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 71Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 72Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 73Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 74Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
70
Data Sheet
ADD-ON BUS OPERATION REGISTERS
The Add-On bus interface provides access to 18
DWORDs (72 bytes) of data, control and status infor-
mation. All of these locations are accessed by
asserting the Add-On bus chip select pin (SELECT#)
in conjunction with either the read or write control
strobes (signal pin RD# or WR#). Access to the FIFO
can also be achieved through use of the dedicated
pins, RDFIFO# and WRFIFO#. The dedicated pins for
control of the FIFO are provided to optionally imple-
ment Direct Memory Access (DMA) on the Add-On
bus, or to connect with an external FIFO.
This register group represents the primary method for
communication between the Add-On and PCI buses
as viewed by the Add-On. The flexibility of this
arrangement allows a number of user-defined soft-
ware protocols to be built. For example, data, software
assigned commands, and command parameters can
be exchanged between the PCI and Add-On buses
using either the mailboxes or FIFOs with or without
handshaking interrupts. The register structure is very
similar to that of the PCI operation register set. The
major difference between the PCI bus and Add-On
bus register complement are the absence of bus mas-
ter control registers (4) on the Add-On side and the
addition of two “pass-through” registers. Table 47 lists
the Add-On interface registers.
1. See Add-On Initiated Bus Mastering.
Table 47. Operation Registers — Add-On Interface
Address
Abbreviation
Register Name
00h
AIMB1
Add-On Incoming Mailbox Register #1
04h
AIMB2
Add-On Incoming Mailbox Register #2
08h
AIMB3
Add-On Incoming Mailbox Register #3
0Ch
AIMB4
Add-On Incoming Mailbox Register #4
10h
AOMB1
Add-On Outgoing Mailbox Register #1
14h
AOMB2
Add-On Outgoing Mailbox Register #2
18h
AOMB3
Add-On Outgoing Mailbox Register #3
1Ch
AOMB4
Add-On Outgoing Mailbox Register #4
20h
AFIFO
Add-On FIFO port
24h
MWAR1
Bus Master Write Address Register
28h
APTA
Add-On Pass-Through Address
2Ch
APTD
Add-On Pass-Through Data
30h
MRAR1
Bus Master Read Address Register
34h
AMBEF
Add-On Mailbox Empty/Full Status
38h
AINT
Add-On Interrupt control
3Ch
AGCSTS
Add-On General Control and Status Register
58h
MWTC1
Bus Master Write Transfer Count
5Ch
MRTC1
Bus Master Read Transfer Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com