Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 24 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 24 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 20Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 21Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 22Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 23Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 24Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 25Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 26Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 27Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 28Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
24
Data Sheet
ADD-ON BUS INTERFACE SIGNALS
The following sets of signals represent the interface
pins available for the Add-On function. There are four
groups: Register access, FIFO access, Pass-Thru
mode pins, and general system pins.
Table 12. Register Access Pins
Signal
Type
Description
DQ[31:00]
t/s
Datapath DQ0–DQ31. These pins represent the datapath for the Add-On peripheral’s data bus. They
provide the interface to the controller’s FIFO and other registers. When MODE = VCC, only DQ[15:00]
are used. DQ[31:0] have internal 50k Ohm pull-up resistors.
ADR[6:2]
in
Add-On Addresses. These signals are the address lines to select which of the 16 DWORD registers
within the controller is desired for a given read or write cycle, as shown in the table below.
ADR[6:2]
Register Name
0
0
0
0
0
Add-On Incoming Mailbox Reg. 1
0
0
0
0
1
Add-On Incoming Mailbox Reg. 2
0
0
0
1
0
Add-On Incoming Mailbox Reg. 3
0
0
0
1
1
Add-On Incoming Mailbox Reg. 4
0
0
1
0
0
Add-On Outgoing Mailbox Reg. 1
0
0
1
0
1
Add-On Outgoing Mailbox Reg. 2
0
0
1
1
0
Add-On Outgoing Mailbox Reg. 3
0
0
1
1
1
Add-On Outgoing Mailbox Reg. 4
0
1
0
0
0
Add-On FIFO Port
0
1
0
0
1
Bus Master Write Address Register
0
1
0
1
0
Add-On Pass-Thru Address
0
1
0
1
1
Add-On Pass-Thru Data
0
1
1
0
0
Bus Master Read Address Register
0
1
1
0
1
Add-On Mailbox Empty/Full Status
0
1
1
1
0
Add-On Interrupt Control
0
1
1
1
1
Add-On General Control/Status Register
1
0
1
1
0
Bus Master Write Transfer Count
1
0
1
1
1
Bus Master Read Transfer Count
BE3# or
ADR1
in
Byte Enable 3 (32-bit mode) or ADR1 (16 bit mode). This pin is used in conjunction with the read or
write strobes (RD# or WR#) and the Add-On select signal, SELECT#. As a Byte Enable, it is neces-
sary to have this pin asserted to perform write operations to the register identified by ADR[6:2] bit loca-
tions d24 through d31; for read operations it controls the DQ[31:24] output drive. BE3# has an internal
50k Ohm pull-up resistor.
BE[2:0]#
in
Byte Enable 2 through 0. These pins provide for individual byte control during register read or write
operations. BE2# controls activity over DQ[23:DQ16], BE1# controls DQ[15:8], and BE0# controls
DQ[7:0]. During read operations they control the output drive for each of their respective byte lanes;
for write operations they serve as a required enable to perform the modification of each byte lane.
BE[2:0]# have internal 50k Ohm pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com