Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 99 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 99 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 95Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 96Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 97Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 98Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 99Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 100Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 101Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 102Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 103Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
99
Data Sheet
Master Abort
PCI accesses to nonexistent or disabled targets never
observe DEVSEL# being asserted. In this situation, it
is necessary for the initiator to abort the transaction
(master abort). As an initiator, S5335 waits for six
clock periods after asserting FRAME# to determine
whether a master abort is required. These six clock
periods allow slow targets, which may require several
bus clocks before being able to assert DEVSEL#, to
respond. It is also possible a PCI bridge device is
present which employs “subtractive” decoding. A
device which does a subtractive decode asserts
DEVSEL#, claiming the cycle, when it sees that no
other device has asserted it three clocks after the
address phase.
If DEVSEL# is not asserted, the S5335 deasserts
FRAME# (if asserted) upon the sixth clock period (Fig-
ure 54). IRDY# is deasserted by the S5335 during the
next clock. The occurrence of a master abort causes
the S5335 to set bit 13 (Master Abort) of the PCI Sta-
tus Register, indicating an error condition.
Target-Initiated Termination
There are situations where the target may end a trans-
fer prematurely. This is called “target-initiated
termination.” Target terminations fall into three catego-
ries: disconnect, retry, and target abort. Only the
disconnect termination completes a data transfer.
Figure 54. Master Abort, No Response
PCI CLOCK
FRAME #
IRDY#
TRDY#
DEVSEL#
12
3
4
5
FAST
DEVICE
MEDIUM
DEVICE
SLOW
DEVICE
BRIDGE
DEVICE
(SUBTRACTIVE
DECODE)
67
8
(I) = DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET
(T)
(T)
(I)
(I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com