Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 76 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 76 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 72Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 73Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 74Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 75Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 76Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 77Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 78Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 79Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 80Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
76
Data Sheet
Table 48. Add-On Mailbox Empty/Full Status Register
Bit
Description
31:16
Outgoing Mailbox Status. This field indicates which outgoing mailbox registers have been written by the Add-On bus
interface but have not yet been read by the PCI bus. Each bit location corresponds to a specific byte within one of
the four outgoing mailboxes. A value of one for each bit signifies that the specified mailbox byte is full, a value of
zero signifies empty. The mapping of these status bits to bytes within each mailbox is as follows:
Bit 31 = Outgoing mailbox 4 byte 3
Bit 30 = Outgoing mailbox 4 byte 2
Bit 29 = Outgoing mailbox 4 byte 1
Bit 28 = Outgoing mailbox 4 byte 0
Bit 27 = Outgoing mailbox 3 byte 3
Bit 26 = Outgoing mailbox 3 byte 2
Bit 25 = Outgoing mailbox 3 byte 1
Bit 24 = Outgoing mailbox 3 byte 0
Bit 23 = Outgoing mailbox 2 byte 3
Bit 22 = Outgoing mailbox 2 byte 2
Bit 21 = Outgoing mailbox 2 byte 1
Bit 20 = Outgoing mailbox 2 byte 0
Bit 19 = Outgoing mailbox 1 byte 3
Bit 18 = Outgoing mailbox 1 byte 2
Bit 17 = Outgoing mailbox 1 byte 1
Bit 16 = Outgoing mailbox 1 byte 0
15:00
Incoming Mailbox Status. This field indicates which incoming mailbox registers have been written by the PCI bus but
not yet been read by the Add-On interface. Each bit location corresponds to a specific byte within one of the four
incoming mailboxes. A value of one for each bit signifies that the specified mailbox byte is full, a value of zero signi-
fies empty. The mapping of these status bits to bytes within each mailbox is as follows:
Bit 15 = Incoming mailbox 4 byte 3
Bit 14 = Incoming mailbox 4 byte 2
Bit 13 = Incoming mailbox 4 byte 1
Bit 12 = Incoming mailbox 4 byte 0
Bit 11 = Incoming mailbox 3 byte 3
Bit 10 = Incoming mailbox 3 byte 2
Bit 9 = Incoming mailbox 3 byte 1
Bit 8 = Incoming mailbox 3 byte 0
Bit 7 = Incoming mailbox 2 byte 3
Bit 6 = Incoming mailbox 2 byte 2
Bit 5 = Incoming mailbox 2 byte 1
Bit 4 = Incoming mailbox 2 byte 0
Bit 3 = Incoming mailbox 1 byte 3
Bit 2 = Incoming mailbox 1 byte 2
Bit 1 = Incoming mailbox 1 byte 1
Bit 0 = Incoming mailbox 1 byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com