Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 35 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 35 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 31Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 32Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 33Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 34Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 35Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 36Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 37Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 38Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 39Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
35
Data Sheet
Revision Identification Register (RID)
The RID register contains the revision identification
number. This field is initially cleared. Write operations
from the PCI interface have no effect on this register.
After reset is removed, this field can be boot-loaded
from the external non-volatile device (if present and
valid) so that another value may be used.
Figure 11. Revision Identification Register
Register Name:
Revision Identification
Address Offset:
08h
Power-up value:
00h
Boot-load:
External nvRAM/EPROM offset 048h
Attribute:
Read Only
Size:
8 bits
Table 21. Revision Identification Register
Bit
Description
7:0
Revision Identification Number. Initialized to zeros, this register may be loaded to the value in non-volatile memory at
offset 048h.
7
0
00h
Revision Identification Number (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com