Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 41 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 41 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 37Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 38Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 39Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 40Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 41Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 42Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 43Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 44Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 45Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
41
Data Sheet
Latency Timer Register (LAT)
The latency timer register has meaning only when this
controller is used as a bus master and pertains to the
number of PCI bus clocks that this master will be guar-
anteed. The nonzero value for this register is internally
decremented after this device has been granted the
bus and has begun to assert FRAME#. Prior to this
latency timer count reaching zero, this device can
ignore the removal of the bus grant and may continue
the use of the bus for data transfers.
Figure 14. Latency Timer Register
Register Name:
Latency Timer
Address Offset:
0Dh
Power-up value:
00h
Boot-load:
External nvRAM offset 04Dh
Attribute:
Read/Write, bits 7:3; Read Only bits
2:0
Size:
8 bits
7
0
Latency Timer value (R/W)
# of clocks x 8
0
1
0
2
0
3
X
4
X
5
X
6
X
X
Bit
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com