Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 74 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 74 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 70Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 71Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 72Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 73Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 74Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 75Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 76Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 77Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 78Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
74
Data Sheet
Add-On Controlled Bus Master Read Address
Register (MRAR)
This register is only accessible when Add-On initiated
bus mastering is enabled.
This register is used to establish the PCI address for
data moving to the Add-On bus from the PCI bus dur-
ing PCI bus memory read operations. It consists of a
30-bit counter with the low-order two bits hardwired as
zeros. Transfers may be any non-zero byte length as
defined by the transfer count register, MRTC and must
begin on a DWORD boundary. This DWORD bound-
ary starting constraint is placed upon this controller’s
PCI bus master transfers so that byte lane alignment
can be maintained between the S5335 controller’s
internal FIFO data path, the Add-On interface and the
PCI bus.
Note: Applications which require a non-DWORD start-
ing boundary will need to move the first few bytes
under software program control (and without using the
FIFO) to establish a DWORD boundary. After the
DWORD boundary is established the S5335 can begin
the task of PCI bus master data transfers.
The Master Read Address Register is continually
updated during the transfer process and will always be
pointing to the next unread location. Reading of this
register during a transfer process (done when the
S5335 controller is functioning as a target—i.e., not a
bus master) is permitted and may be used to monitor
the progress of the transfer. During the address phase
for bus master read transfers, the two least significant
bits presented on the PCI bus AD[31:0] will always be
zero. This identifies to the target memory that the burst
address sequence will be in a linear order rather than
in an Intel 486 or Pentium™ cache line fill sequence.
Also, the PCI bus address bit A1 will always be zero
when this controller is the bus master. This signifies to
the target that the controller is burst capable and that
the target should not arbitrarily disconnect after the
first data phase of this operation.
Under certain circumstances, MRAR can be accessed
from the Add-On bus instead of the PCI bus.
Figure 33. Add-On Controlled Bus Master Read Address Register
Register Name:
Master Read Address
Add-On Address Offset:
30h
Power-up value:
00000000h
Attribute:
Read/Write
Size:
32 bits
31
0
0
1
0
2Bit
Value
DWORD Address (RO)
Read Transfer Address (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com