Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 14 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 14 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 10Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 11Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 12Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 13Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 14Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 15Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 16Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 17Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 18Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
14
Data Sheet
PCI Operation Registers
The second group of registers are the PCI Operation
Registers shown in Table 2. This group consists of six-
teen 32-bit (DWORD) registers accessible to the Host
processor from the PCI Local bus. These are the main
registers through which the PCI Host configures
S5335 operation and communicates with the Add-On
Local bus. These registers encompass the PCI bus
incoming and outgoing Mailboxes, FIFO data channel,
Bus Master Address and Count registers, Pass-Thru
data channel registers and S5335 device Status and
Control registers.
Add-On Bus Operation Registers
The third and last register group consists of the Add-
On Operation Registers, shown in Table 3. This group
of eighteen 32-bit (DWORD) registers is accessible to
the Add-On Local bus. These are the main registers
through which the Add-On logic configures S5335
operation and communicates with the PCI Local bus.
These registers encompass the Add-On bus Mail-
boxes, Add-On FIFO, DMA Address/Count Registers
(when Add-On initiated Bus Mastering), Pass-Thru
Registers and Status/Control registers.
Non-Volatile Memory Interface
The S5335 contains a set of PCI Configuration Regis-
ters. These registers can be initialized with default
values or with designer specified values contained in
an external nvRAM. The nvRAM can be either a serial
(2 Kbytes, maximum) or a byte-wide device (64
Kbytes, maximum).
PCI Status
PCI Command
04h
Class Code
Revision ID
08h
Built-in
Self Test
Header
Type
Latency
Timer
Cache
Line Size
0Ch
Base Address Register 0
10h
Base Address Register 1
14h
Base Address Register 2
18h
Base Address Register 3
1Ch
Base Address Register 4
20h
Reserved
24h
Reserved Space
28h
Reserved Space
2Ch
Expansion ROM Base Address
30h
Reserved Space
34h
Reserved Space
38h
Max.
Latency
Min. Grant
Interrupt
Pin
Interrupt
Line
3Ch
Table 1. PCI Configuration Registers (Continued)
Byte 3
Byte 2
Byte 1
Byte 0
Address
Table 2. PCI Operation Registers
PCI Operation Registers
Address
Offset
Outgoing Mailbox Register 1 (OMB1)
00h
Outgoing Mailbox Register 2 (OMB2)
04h
Outgoing Mailbox Register 3 (OMB3)
08h
Outgoing Mailbox Register 4 (OMB4)
0Ch
Incoming Mailbox Register 1 (IMB1)
10h
Incoming Mailbox Register 2 (IMB2)
14h
Incoming Mailbox Register 3 (IMB3)
18h
Incoming Mailbox Register 4 (IMB4)
1Ch
FIFO Register Port (bidirectional) (FIFO)
20h
Master Write Address Register (MWAR)
24h
Master Write Transfer Count Register (MWTC)
28h
Master Read Address Register (MRAR)
2Ch
Master Read Transfer Count Register (MRTC)
30h
Mailbox Empty/Full Status Register (MBEF)
34h
Interrupt Control/Status Register (INTCSR)
38h
Bus Master Control/Status Register (MCSR)
3Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com