Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 17 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 13Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 14Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 15Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 16Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 17Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 18Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 19Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 20Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
17
Data Sheet
Pass-Thru Operation
Pass-Thru operation executes PCI bus cycles in real
time with the Add-On bus. This allows the PCI bus to
directly read or write to Add-On resources. The S5335
allows the designer to declare up to four individual
Pass-Thru Regions. Each region may be defined as 8,
16-, or 32-bits wide, mapped into host memory or I/O
space and may be up to 512MB bytes in size. Figure 5
right shows a block diagram of the S5335 Pass-Thru
architecture.
Pass-Thru operations are performed in PCI target only
mode, making this data channel useful for converting
existing ISA or EISA designs over to the fast PCI
architecture. The Pass-Thru data channel utilizes sep-
arate Add-On bus signal pins to reflect a PCI bus read
or write request. Add-On logic decodes these signals
to determine if it must read or write data to the S5335
to satisfy the request. Information decoded includes
PCI request occurring, the byte lanes involved, the
specific Pass-Thru region accessed and if the request
is a burst or single-cycle access. All requested Pass-
Thru address and data information is passed via Add-
On Operation Registers.
Pass-Thru operation supports single PCI data cycles
and PCI data bursts. During PCI burst operations, the
S5335 is capable of transferring data at the full PCI
bandwidth. Should slower Add-On logic be imple-
mented, the S5335 automatically issues PCI bus waits
or a Host retry indication until the requested transfer is
satisfied.
Figure 4. PCI Pass-Thru Operation Diagram
FIFO PCI Bus Mastering Operation
FIFO PCI Bus Master data transfers are processed by
one of two 8-DWORD FIFOs. The particular FIFO
selected for a data transfer is dependent only on the
direction of data flow and is completely transparent to
the user. Internal S5335 decode logic selects the FIFO
that is dedicated to transferring data to the other bus.
The way data is transferred by a FIFO, is determined
by Operation and Configuration Registers contained
within the S5335. A FIFO may be configured for either
PCI or Add-On initiated Bus Mastering with program-
mable byte advance conditions, read vs. write
priorities and Add-On bus widths. Advance conditions
allow the FIFO to implement 8-, 16- or 32-bit bus
widths. Configuring the S5335 for Bus Master opera-
tion enables separate address and data count
registers, which are loaded with the PCI memory
address location and number of bytes to be read or
written. This is accomplished by either the Host CPU
or Add-On logic. Data can be transferred between the
two buses transparent to the PCI Host processor, how-
ever, the Add-On logic is required to service the S5335
Add-On Local bus. An indication of transfer completion
can be seen by polling a status register done bit or
S5335 signal pin or enabling a ‘transfer count = 0’
interrupt to either bus.
Further FIFO configuration bits select 16, 32, or 64 bit
Endian conversion options for incoming and outgoing
data. Endian conversion allows an Add-On processor
and the host to transfer data in their native Endian for-
mat. Other configuration bits determine if the Add-On
Local bus width is 8, 16 or 32 bits. 16-bit bus configu-
rations internally steer FIFO data from the upper 16
bits of the DWORD and then to the lower 16-bits on
alternate accesses. FIFO pointers are then updated
when appropriate bytes are accessed. Other methods
are available for 8-bit or 16-bit Add-Ons.
Efficient FIFO management configuration schemes
unique to the AMCC S5335 specify how full or empty a
FIFO must be before it requests the PCI Local bus.
These criteria include bus requests when any of the 8
DWORDs are empty, or when four or more DWORDs
are empty. This allows the designer to control how
often the S5335 requests the bus. The S5335 always
attempts to perform burst operations to empty or fill the
FIFOs. Further FIFO capabilities over the standard
register access methods allow for direct hardware
FIFO access. This is provided through separate
access pins on the S5335. Other status output pins
allow for easily cascading external FIFOs to the Add-
On design.
S5335
Add-On Pass-Thru Read Data
Add-On Pass-Thru Write Data
Address
Latch
Add-On Pass-
Thru Address
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com