Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 40 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 40 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 36Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 37Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 38Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 39Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 40Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 41Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 42Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 43Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 44Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
40
Data Sheet
Cache Line Size Register (CALN)
This register is hardwired to 0. The cache line configu-
ration register is used by the system to define the
cache line size in double-word (64-bit) increments.
This controller does not use the “Memory Write and
Invalidate” PCI bus cycle commands when operating
in the bus master mode, and therefore does not inter-
nally require this register. When operating in the target
mode, this controller does not have the connections
necessary to “snoop” the PCI bus and accordingly
cannot employ this register in the detection of burst
transfers that cross a line boundary.
Figure 13. Cache Line Size Register
Register Name:
Cache Line Size
Address Offset:
0Ch
Power-up value:
00h, hardwired
Boot-load:
not used
Attribute:
Read Only
Size:
8 bits
7
0
00h
Cache Line Size (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com