Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 94 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 94 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 90Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 91Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 92Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 93Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 94Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 95Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 96Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 97Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 98Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
94
Data Sheet
PCI BURST TRANSFERS
The PCI bus, by default, expects burst transfers to be
executed. To successfully perform a burst transfer,
both the initiator and target must order their burst
address sequence in an identical fashion. There are
two different ordering schemes: linear address incre-
menting and 80486 cache line fill sequencing. The
exact ordering scheme for a bus transaction is defined
by the state of the two least significant AD lines during
the address phase. The decoding for these lines is
shown below:
The S5335 supports both the linear and the cache line
burst ordering. When the S5335 controller is an initia-
tor, it always employs a linear ordering.
Some accesses to the S5335 controller (as a target)
can not be burst transfers. For example, the S5335
does not allow burst transfers when accesses are
made to the configuration or operation registers
(including the FIFO as a target). Attempts to perform
burst transfers to these regions cause STOP# to be
asserted during the first data phase. The S5335 com-
pletes the initial data phase successfully, but asserting
STOP# indicates that the next access needs to be a
completely new cycle. Accesses to memory or I/O
regions defined by the Base Address Registers 1-4
may be bursts, if desired.
PCI Read Transfers
The S5335 responds to PCI bus memory or I/O read
transfers when it is selected (target). As a PCI bus ini-
tiator, the S5335 controller may also produce PCI bus
memory read operations.
Figure 46 depicts the fastest burst read transfer possi-
ble for the PCI bus. The timings shown in Figure 46
are representative of the S5335 as a PCI initiator with
a fast, zero-wait-state memory target. The signals
driven by the S5335 during the transfer are FRAME#,
C/BE[3:0]#, and IRDY#. The signals driven by the tar-
get are DEVSEL# and TRDY#. AD[31:0] are driven by
both the target and initiator during read transactions
(only one during any given clock). Clock period 2 is a
required bus turn-around clock which ensures bus
contention between the initiator and target does not
occur.
Targets drive DEVSEL# and TRDY# after the end of
the address phase (boundary of clock periods 1 and 2
of Figure 46). TRDY# is not driven until the target can
provide valid data for the PCI read. When the S5335
becomes the PCI initiator, it attempts to perform sus-
tained zero-wait state burst reads until one of the
following occurs:
•
The memory target aborts the transfer
•
PCI bus grant (GNT#) is removed
•
The PCI to Add-On FIFO becomes full
•
A higher priority (Add-On to PCI) S5335 trans-
fer is pending (if programmed for priority)
•
The read transfer byte count reaches zero
•
Bus mastering is disabled from the Add-On
interface
Figure 46. Zero Wait State Burst Read PCI Bus Transfer (S5335 as Initiator)
AD[1:0]
Burst Order
0 0
Linear sequence
0 1
Reserved
1 0
Cacheline Wrap Mode
1 1
Reserved
1
2
3
4
5
PCI CLOCK
FRAME #
AD [31:0]
C/BE [3:0]#
IRDY#
TRDY#
DEVSEL#
ADDRESS
DATA (2)
DATA (3)
(T)
(T)
(T)
DATA (1)
BYTE EN (2)
BYTE EN (3)
(I) = DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET
BYTE ENABLES (1)
BUS COMMAND
(I)
(T)
(I)
(I)
(I)
(T)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com