Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 48 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 44Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 45Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 46Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 47Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 48Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 49Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 50Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 51Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 52Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
48
Data Sheet
1. BADR5 register is not implemented and will return all 0’s.
2. Base Address Register 0 (at offset) 10h powers up as FFFFFFC1h. This default assignment allows usage without an external boot memory.
Should an EPROM or nvRAM be used, the base address can be boot loaded to become a memory space (FFFFFFC0h or FFFFFFC2h).
Table 40. Read Response (I/O Assigned) to an All-Ones write Operation to a Base Address Register
Response
Size in bytes
[EPROM boot value]
00000000h
FFFFFFFDh
FFFFFFF9h
FFFFFFF1h
FFFFFFE1h
FFFFFFC1h
FFFFFF81h
FFFFFF01h
none - disabled
4 bytes (1 DWORDs)
8 bytes (2 DWORDs)
16 bytes (4 DWORDs)
32 bytes (8 DWORDs)
64 bytes (16 DWORDs)
128 bytes (32 DWORDs)
256 bytes (64 DWORDs)
00000000h or BIOS missing1
FFFFFFFDh
FFFFFFF9h
FFFFFFF1h
FFFFFFE1h
FFFFFFC1h2
FFFFFF81h
FFFFFF01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com