Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 77 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 77 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 73Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 74Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 75Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 76Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 77Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 78Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 79Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 80Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 81Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
77
Data Sheet
Add-On Interrupt Control/status Register (AINT)
This register provides the method for choosing which
conditions are to produce an interrupt on the Add-On
bus interface, a method for viewing the cause for the
interrupt, and a method for acknowledging (removing)
the interrupt’s assertion.
Interrupt sources:
•
One of the Incoming mailboxes (1,2,3 or 4)
becomes full.
•
One of the Outgoing mailboxes (1,2,3 or 4)
becomes empty.
•
Built-in self test issued.
•
Write Transfer Count = zero
•
Read Transfer Count = zero
•
Target/Master Abort
Figure 35. Add-On Interrupt Control/Status Register
Register Name:
Add-On Interrupt Control and
Status
Add-On Address Offset:
38h
Power-up value:
00000000h
Attribute:
Read/Write, Read/
Write_One_Clear
Size:
32 bits
31
24 23
201918
21
17
12
8
4
0 Bit
Value
D4-D0 Incoming Mailbox
(Becomes Full)
D4=Enable Interrrupt
D3-D2=Mailbox #
0 0=Mailbox 1
0 1=Mailbox 2
1 0=Mailbox 3
1 1=Mailbox 4
D0-D1=Byte #
0 0=Byte 0
0 1=Byte 1
1 0=Byte 2
1 1=Byte 3
D12-D8 Outgoing Mailbox (R/W)
(Goes empty)
D12=Enable Interrupt
D11-D10=Mailbox
0 0=Mailbox 1
0 1=Mailbox 2
1 0=Mailbox 3
1 1=Mailbox 4
D9-D8=Byte #
0 0=Byte 0
0 1=Byte 1
1 0=Byte 2
1 1=Byte 3
16 1514
0 0 0 0 0 0 0 0
0
0
Interrupt Asserted (RO)
Bus Mastering
Error Interrupt (R/WC)
BIST (R/WC)
Read Transfer
Complete (R/WC)
Write Transfer
Complete (R/WC)
Interrupt on Read
Transfer Complete
Outgoing Mailbox
Interrupt (R/WC)
Incoming Mailbox
Interrupt (R/WC)
0 0 0
Interrupt Source (R/W)
Enable & Selection
Interrupt on Write
Transfer Complete
Interrupt Status
Interrupt Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com