Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 44 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 44 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 40Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 41Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 42Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 43Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 44Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 45Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 46Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 47Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 48Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
44
Data Sheet
Base Address Registers (BADR)
The base address registers provide a mechanism for
assigning memory or I/O space for the Add-On func-
tion. The actual location(s) the Add-On function is to
respond to is determined by first interrogating these
registers to ascertain the size or space desired, and
then writing the high-order field of each register to
place it physically in the system’s address space. Bit
zero of each field is used to select whether the space
required is to be decoded as memory (bit 0 = 0) or I/O
(bit 0 = 1). Since this PCI controller has 16 DWORDs
of internal operating registers, the Base Address Reg-
ister at offset 10h is assigned to them. The remaining
five base address registers can only be used by boot-
loading them from the external nvRAM interface.
BADR5 register is not implemented and will return all
0’s.
Determining Base Address Size
The address space defined by a given base address
register is determined by writing all 1s to a given base
address register from the PCI bus and then reading
that register back. The number of 0s returned starting
from D4 for memory space and D2 for I/O space
toward the high-order bits reveals the amount of
address space desired. Tables 39 and 40 list the pos-
sible returned values and their corresponding size for
both memory and I/O, respectively. Included in the
table are the nvRAM/EPROM boot values which corre-
spond to a given assigned size. A register returning all
zeros is disabled.
Assigning the Base Address
After a base address has been sized as described in
the preceding paragraph, the region associated with
that base address register (the high order one bits)
can physically locate it in memory (or I/O) space. For
example, if the first base address register returns
FFFFFFC1h indicating an I/O space (D0=1) and is
then written with the value 00000300h. This means
that the controller’s internal registers can be selected
for I/O addresses between 00000300h through
0000033Fh, in this example. The base address value
must be on a natural binary boundary for the required
size (example 300h, 340h, 380h etc.; 338h would not
be allowable).
Register Name:
Base Address
Address Offset:
10h, 14h, 18h, 1Ch, 20h, 24h
Power-up value:
FFFFFFC1h for offset 10h;
00000000h for all others
Boot-load:
External nvRAM offset 050h, 54h,
58h, 5Ch, 60h (BADR0-4)
Attribute:
high bits Read/Write; low bits Read
Only
Size:
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com