Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 93 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 93 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 89Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 90Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 91Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 92Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 93Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 94Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 95Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 96Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 97Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
93
Data Sheet
1. Memory Read Multiple and Read Line are treated as Memory Reads.
2. Memory Write & Invalidate commands are treated as Memory Writes.
3. Must be enabled by bit 15 MCSR.
Table 54. Supported PCI Bus Commands
C/BE[3:0]#
Command Type
Supported As Target
Supported As Initiator
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
Interrupt Acknowledge
Special Cycle
I/O Read
I/O Write
Reserved
Reserved
Memory Read
Memory Write
Reserved
Reserved
Configuration Read
Configuration Write
Memory Read Multiple
Reserved
Memory Read Line
Memory Write & Invalidate
No
No
Yes
Yes
No
No
Yes
Yes
No
No
Yes
Yes
Yes1
No
Yes1
Yes2
No
No
No
No
No
No
Yes
Yes
No
No
No
No
No3
No
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com