Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 20 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 20 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 16Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 17Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 18Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 19Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 20Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 21Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 22Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 23Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 24Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
20
Data Sheet
Table 4. Address and Data Pins — PCI Local Bus
Signal
Type
Description
AD[31:00]
t/s
Local Bus Address/Data lines. Address and data are multiplexed on the same pins. Each bus opera-
tion consists of an address phase followed by one or more data phases. Address phases are identified
when the control signal, FRAME#, is asserted. Data transfers occur during those clock cycles in which
control signals IRDY# and TRDY# are both asserted.
C/BE[3:0]#
t/s
Bus Command and Byte Enables. These are multiplexed on the same pins. During the address phase
of a bus operation, these pins identify the bus command, as shown in the table below. During the data
phase of a bus operation, these pins are used as Byte Enables, with C/BE[0]# enabling byte 0 (least
significant byte) and C/BE[3]# enabling byte 3 (most significant byte).
C/BE[3:0]#
Description (during address phase)
00
00
Interrupt Acknowledge
0
0
0
1
Special Cycle
00
10
I/O READ
0
0
1
1
I/O WRITE
01
00
Reserved
01
01
Reserved
0
1
1
0
Memory Read
0
1
1
1
Memory Write
10
00
Reserved
10
01
Reserved
1
0
1
0
Configuration Read
1
0
1
1
Configuration Write
1
1
0
0
MEMORY READ - Multiple
1
1
0
1
Dual Address Cycle
1
1
1
0
Memory Read Line
1
1
1
1
Memory Write and Invalidate
PAR
t/s
Parity. This signal is even parity across the entire AD[31:00] field along with the C/BE[3:0]# field. The
parity is stable in the clock following the address phase and is sourced by the master. During the data
phase for write operations, the bus master sources this signal on the clock following IRDY# active;
during the data phase for read operations, this signal is sourced by the target and is valid on the clock
following TRDY# active. The PAR signal therefore has the same timing as AD[31:00}, delayed by one
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com