Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 98 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 98 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 94Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 95Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 96Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 97Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 98Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 99Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 100Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 101Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 102Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
98
Data Sheet
Initiator Preemption
A PCI initiator (bus master) is said to be preempted
when the system platform deasserts the initiator’s bus
grant signal, GNT#, while it still requests the bus
(REQ# asserted). This situation occurs if the initiator’s
latency timer expires and the system platform (bus
arbitrator) has a bus master request from another
device. The S5335 Master Latency Timer register con-
trols the S5335 responsiveness to the removal of a
bus grant (preemption). The presence of a Master
Latency Timer register can cause two preemption
situations:
1. Removal of GNT# when the latency timer is non-
zero (S5335 is guaranteed to still “own the bus”).
2. Removal of the GNT# after the latency timer has
expired.
The first situation is depicted in Figure 52, when the
latency timer has not expired. Preemption with a zero
or expired latency timer is shown in Figure 53.
Figure 52. Master Initiated Termination Due to Preemption and Latency Timer Active (S5335 as Master)
Figure 53. Master Initiated Termination Due to Preemption and Latency Timer Expired (S5335 as Master)
PCI CLOCK
GNT #
FRAME
IRDY#
TRDY#
S5335
LATENCY
TIMER
12
3
(T)
(I)
PREEMPTION
DATA
TRANSFERRED
(I)
5
4
DATA
TRANSFERRED
DATA
TRANSFERRED
DATA
TRANSFERRED
6
=3
=2
=1
=0
TIMEOUT
SENSED
(I) = DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET
PCICLOCK
GNT#
FRAME
IRDY#
TRDY#
LATENCY
TIMER
12
3
(T)
(I)
PREEMPTION
DATA
TRANSFERRED
(I)
=0
=1
5
4
(I) =DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET
S5335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com