Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 102 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 102 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 98Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 99Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 100Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 101Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 102Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 103Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 104Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 105Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 106Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
102
Data Sheet
Figure 58. Target Abort Example
Figure 59. PCI Bus Arbitration and S5335 Bus Ownership Example
PCI CLOCK
FRAME #
IRDY#
TRDY#
STOP#
DEVSEL#
1
2
3
TARGET ABORT
IDENTIFIED
(T)
(T)
(T)
(I)
(I)
(I) = DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET
S5335 REQ#
"OTHER"REQ#
S5335 GNT#
"OTHER"GNT#
FRAME#
AD[31:0]
IRDY#
TRDY#
IDLE
S5335
TRANSACTION
IDLE
(TURN-
AROUND)
"OTHER",
PREEMPTING
MASTER
TRANSACTION
S5335
TRANSACTION(S)
IDLE
(TURN-
AROUND)
1
2
35
7
8
ADDRESS
DATA
ADDRESS
DATA
ADDRESS
DATA
(I) =DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET
46
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com