Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 43 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 43 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 39Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 40Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 41Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 42Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 43Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 44Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 45Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 46Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 47Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
43
Data Sheet
Built-In Self-test Register (BIST)
The Built-In Self-Test (BIST) register permits the
implementation of custom, user-specific diagnostics.
This register has four fields as depicted in Figure 16.
Bit 7, when set signifies that this device supports a
built-in self test. When bit 7 is set, writing a 1 to bit 6
will commence the self test. In actuality, writing a 1 to
bit 6 produces an interrupt to the Add-On interface. Bit
6 will remain set until cleared by a write operation to
this register from the Add-On bus interface. When bit 6
is reset it is interpreted as completion of the self-test
and an error is indicated by a non-zero value for the
completion code (bits 3:0).
Figure 16. Built-In Self Test Register
Register Name:
Built-in Self-Test
Address Offset:
0Fh
Power-up value:
00h
Boot-load:
External nvRAM/EPROM offset 04Fh
Attribute:
D7, D5-0 Read Only, D6 as PCI bus
write only
Size:
8 bits
Table 36. Built-In Self-Test Register
Bit
Description
7
BIST Capable. This bit indicates that the Add-On device supports a built-in self-test when a one is returned. A zero
should be returned if this self test feature is not desired. This field is read only from the PCI interface.
6
Start BIST. Writing a 1 to this bit indicates that the self-test should commence. This bit can only be written when bit 7 is
a 1. When bit 6 becomes set, an interrupt is issued to the Add-On interface. Other than through the reset pin, Bit 6 can
only be cleared by a write to this element from the Add-On bus interface as outlined in Section 6.5. The PCI bus spec-
ification requires that this bit be cleared within 2 seconds after being set, or the device will be failed.
5:4
Reserved. These bits are reserved. This field will always return zeros.
3:0
Completion Code. This field provides a method for detailing a device-specific error. It is considered valid when the Start
BIST field (bit 6) changes from 1 to 0. An all-zero value for the completion code indicates successful completion.
7
0
X
1
X
2
X
3
X
4
0
5
0
6
0
X
Bit
Value
User defined
Completion Code (RO)
Reserved (RO)
Start BIST (WO)
BIST Capable (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com