Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 28 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 28 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 24Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 25Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 26Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 27Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 28Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 29Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 30Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 31Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 32Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
28
Data Sheet
PCI Configuration Space Header
BIST
00
04
08
0C
10
14
18
1C
20
24
28
2C
30
34
38
3C
31
23
24
16 15
8 7
LATENCY TIMER
INTERRUPT PIN
MIN_GNT
MAX_LAT
INTERRUPT LINE
EXPANSION ROM BASE ADDRESS
HEADER TYPE = 0
BASE ADDRESS REGISTER #0
BASE ADDRESS REGISTER #1
BASE ADDRESS REGISTER #2
BASE ADDRESS REGISTER #3
BASE ADDRESS REGISTER #4
BASE ADDRESS REGISTER #5
RESERVED = 0's
RESERVED = 0's
RESERVED = 0's
RESERVED = 0's
REV ID
CACHE LINE SIZE
VENDOR ID
COMMAND
DEVICE ID
CLASS CODE
STATUS
00
LEGEND
Note:
Some registers are a combination of the above. See individual sections
for full description.
EPROM IS DATA SOURCE (READ ONLY)
CONTROL FUNCTION
EPROM INITIALIZED RAM (CAN BE ALTERED FROM PCI PORT)
EPROM INITIALIZED RAM (CAN BE ALTERED FROM ADD-ON PORT)
HARD-WIRED TO ZEROES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com