Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 90 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 90 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 86Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 87Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 88Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 89Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 90Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 91Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 92Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 93Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 94Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
90
Data Sheet
EXPANSION BIOS ROMS
This section provides an example of a typical PC-com-
patible expansion BIOS ROM. Address offsets 0040h
through 007Fh represent the portion of the external nv
memory used to boot-load the S5335 controller.
Whether the expansion ROM is intended to be execut-
able code is determined by the contents of the first
three locations (starting at offset 0h) and a byte check-
sum over the defined length. The defined length is
specified in the byte at address offset 0002h. Table 52
lists each field location by its address offset, its length,
its value, and description.
Table 52. PC Compatible Expansion ROM
Byte Offset
Byte Length
Binary Value
Description
Example
0h
1h
2h
3h
7h-17h
18h-19h
20h-3Fh
1
1
1
4
17h
2
32h
55h
AAh
var.
var.
var.
var.
var
BIOS ROM signature byte 1
BIOS ROM signature byte 2
Length in multiples of 512 bytes
Entry point for INIT function.
Reserved (application unique data)
Pointer to PCI Data Structure (see Table 53)
user-defined
55h
AAh
01h
The following represents the boot-load image for the S5335 controller’s PCI configuration register:
40h
42h
44h
45h
46h
48h
49h
4Ch
4Dh
4Eh
4Fh
50h
51h
52h
53h
54h
58h
5Ch
60h
64h
2
2
1
1
2
1
3
1
1
1
1
1
1
1
1
4
4
4
4
4
[your vendor ID]
[your device ID]
not used
[Bus Master Config.]
not used
[your revision ID]
[your class code]
not used
[your latency timer #]
[your header type]
[self-test if desired]
C0h, C1h or C2h
FFh
E8h
10h
[base addr. #1]
[base addr. #2]
[base addr. #3]
[base addr. #4]
[base addr. #5]
10e8h
4750h
00h
80h
FF0000h
00h
00h
80h or 00h
C0h, C1h or
C2h
FFh
E8h
10h
xxxxxxxxh
xxxxxxxxh
xxxxxxxxh
xxxxxxxxh
xxxxxxxxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com