Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 30 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 30 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 26Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 27Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 28Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 29Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 30Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 31Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 32Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 33Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 34Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
30
Data Sheet
Device Identification Register (DID)
The DID register contains the vendor-assigned device
identification number. This number is generated by
AMCC in compliance with the conditions of the PCI
specification. Write operations from the PCI interface
have no effect on this register. After reset is removed,
this field can be boot-loaded from the external non-vol-
atile device (if present and valid) so that other
legitimate PCI SIG members can substitute their own
device identification number for this field.
Figure 8. Device Identification Register
Register Name:
Device Identification
Address Offset:
02h-03h
Power-up value:
4750 (ASCII hex for ‘GP’, General
Purpose)
Boot-load:
External nvRAM offset 042h-43h
Attribute:
Read Only
Size:
16 bits
Table 18. Device Identification Register
Bit
Description
15:0
Device Identification Number: This is a 16-bit value initially assigned by AMCC for applications
using the AMCC Vendor ID.
15
0
Device Identification Register (RO)
4750h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com