Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 80 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 80 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 76Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 77Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 78Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 79Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 80Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 81Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 82Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 83Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 84Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
80
Data Sheet
Add-On General Control/status Register (AGCSTS)
This register provides for overall control of the Add-On
portion of this device. It is used to provide a method to
perform software resets of the mailbox and FIFO flags.
The following Add-On controls are provided:
•
Reset PCI to Add-On FIFO flags
•
Reset Add-On to PCI FIFO flags
•
Reset mailbox empty full status flags
•
Write/read external non-volatile memory.
The following status flags are provided to the Add-On:
•
Add-On to PCI FIFO FULL
•
Add-On to PCI FIFO has four or more empty
locations
•
Add-On to PCI FIFO EMPTY
•
PCI to Add-On FIFO FULL
•
PCI to Add-On FIFO has four or more words
loaded
•
PCI to Add-On FIFO EMPTY
Figure 36. Add-On General Control/Status Register
Register Name:
Add-On General Control and
Status
Add-On Address Offset:
3Ch
Power-up value:
000000F4h (PCI initiated bus
mastering) 00000034h (Add-
On initiated bus mastering)
Attribute:
Read/Write, Read Only, Write
Only
Size:
32 bits
31
292827 2524 23
0
12 11
765
Bit
Value
FIFO STATUS (RO)
D5=PCI to Add-on FIFO Empty
D4=PCI to Add-on 4+ Spaces
D3=PCI to Add-on FIFO Full
D2=Add-on to PCI FIFO Empty
D1=Add-on to PCI FIFO 4+ Words
D0=Add-on to PCI FIFO Full
16 15
0
0
BIST Condition Code (R/W)
Reset Controls
D27=Mailbox Flags
D26=PCI to Add-on FIFO
Status Flags
D25=Add-on to PCI FIFO
Status Flags
nv operation
address/data
nvRAM Access Ctrl
Transfer Count
Enable
D6=Read Transfer Count
Equals Zero (RO)
D7=Write Transfer Count
Equals Zero (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com