Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 31 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 31 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 27Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 28Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 29Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 30Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 31Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 32Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 33Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 34Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 35Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
31
Data Sheet
PCI Command Register (PCICMD)
This 16-bit register contains the PCI Command. The
function of this register is defined by the PCI specifica-
tion and its implementation is required of all PCI
devices. Only six of the ten fields are used by this
device; those which are not used are hardwired to 0.
The definitions for all fields are provided here for
completeness.
Figure 9. PCI Command Register
Register Name:
PCI Command
Address Offset:
04h-05h
Power-up value:
0000h
Boot-load:
not used
Attribute:
Read/Write (R/W on 6 bits, Read
Only for all others)
Size:
16 bits
15
0
Reserved = 00's
FastBack-to-Back
SERRE
Wait Cycle Enable
Parity Error Enable
Palette Snoop Enable
MemoryWrite and Invalidate Enable
Special Cycle Enable
Bus MasterEnable
MemoryAccess Enable
I/O Access Enable
X
00
0
0
X
X
X
1
2
3
4
5
6
7
8
9
0X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com