Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 92 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 92 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 88Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 89Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 90Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 91Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 92Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 93Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 94Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 95Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 96Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
92
Data Sheet
PCI BUS INTERFACE
This section describes the various events which occur
on the S5335 PCI bus interface. Since the S5335 con-
troller functions as both a target (slave) and an initiator
(master), signal timing detail is given for both situa-
tions this Section presents the signal relationships
involved in performing basic read or write transfers on
the PCI bus and also describes the different ways
these cycles may complete.
PCI BUS TRANSACTIONS
Because the PCI bus has multiplexed address/data
pins, AD[31:0], each PCI bus transaction consists of
two phases: Address and Data. An address phase is
defined by the clock period when the signal FRAME#
transitions from inactive (high) to active (low). During
the address phase, a bus command is also driven by
the initiator on signal pins C/BE[3:0]#. If the command
indicates a PCI read, the clock cycle following the
address phase is used to perform a “bus turn-around”
cycle. A turn-around cycle is a clock period in which
the AD bus is not driven by the initiator or the target
device. This is used to avoid PCI bus contention. For a
write command, a turn-around cycle is not needed,
and the bus goes directly from the address phase to
the data phase.
All PCI bus transactions consist of an address phase
(described above), followed by one or more data
phases. The address phase is only one PCI clock long
and the bus cycle information (address and command)
is latched internally by the S5335. The number of data
phases depends on how many data transfers are
desired or are possible with a given initiator-target pair.
A data phase consists of at least one PCI clock.
FRAME# is deasserted to indicate that the final data
phase of a PCI cycle is occurring. Wait states may be
added to any data phase (each wait state is one PCI
clock).
The PCI bus command presented on the C/BE[3:0]#
pins during the address phase can represent 16 possi-
ble states. Table 54 lists the PCI commands and
identifies those which are supported by the S5335
controller as a target and those which may be pro-
duced by the S5335 controller as an initiator. A “Yes”
in the “Supported As Target” column in Table 54 indi-
ca tes t he S5 33 5 co nt ro lle r as ser ts the sign al
DEVSEL# when that command is issued along with
the appropriate PCI address. Two commands are sup-
ported by the S5335 controller as an initiator: Memory
Read and Memory Write.
The completion or termination of a PCI cycle can be
signaled in several ways. In most cases, the comple-
tion of the final data phase is indicated by the
assertion of ready signals from both the target
(TRDY#) and initiator (IRDY#) while FRAME# is inac-
tive. In some cases, the target is not be able to
continue or support a burst transfer and asserts the
STOP# signal. This is referred to as a target discon-
nect. There are also cases where an addressed
device does not exist, and the signal DEVSEL# never
becomes active. When no DEVSEL# is asserted in
response to a PCI cycle, the initiator is responsible for
ending the cycle. This is referred to as a master abort.
The bus is returned to the idle phase when both
FRAME# and IRDY# are deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com