Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 71 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 71 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 67Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 68Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 69Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 70Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 71Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 72Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 73Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 74Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 75Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
71
Data Sheet
Add-On Incoming Mailbox Registers (AIMBx)
Register Names:
Add-On Incoming Mailboxes
1-4
These four DWORD registers provide a method for receiving
data, commands, or command parameters from the PCI inter-
face. Add-On read operations to these registers may be in any
width (byte, word, or DWORD). These registers are read-only.
Writes to this address space have no effect. Reading from one
of these registers can optionally cause a PCI bus interrupt (if
desired) when the PCI interrupt control/status register is prop-
erly configured.
Add-On Address Offset:
00h, 04h, 08h, 0Ch
Power-up value:
XXXXXXXXh
Attribute:
Read Only
Size:
32 bits
Add-On Outgoing Mailbox Registers (AOMBx)
Register Names:
Add-On Outgoing Mailboxes
1-4
These four DWORD registers provide a method for sending
data, commands, or command parameters or status to the PCI
interface. Add-On write operations to these registers may be in
any width (byte, word, or DWORD). These registers may also
be read. Writing to one of these registers can optionally cause a
PCI bus interrupt (if desired) when the PCI interrupt control/sta-
tus register is properly configured. Mailbox 4, byte 3 only exists
as device pins on the S5335 device when used with a serial
nonvolatile memory. This byte is not available if a byte-wide nv
memory is used.
Add-On Address Offset:
10h, 14h, 18h, 1Ch
Power-up value:
XXXXXXXXh
Attribute:
Read/Write
Size:
32 bits
Add-On FIFO Register Port (AFIFO)
Register Name:
Add-On FIFO Port
This location provides access to the bidirectional FIFO. Separate registers
are involved when reading and writing to this location. Accordingly, it is not
possible to read what was written to this location. The sequence of filling
and emptying this FIFO is established by the PCI interface interrupt con-
trol and Status Register.
The FIFO’s fullness may be observed by reading the master control/status
register or AGCSTS register Additionally, two signal pins are provided
which reveal whether data is available (RDEMPTY) or space to write into
the FIFO is available (WRFULL). These signals may be used to interface
with user supplied DMA logic. Caution must be exercised when using
these flags for FIFO transfers involving 64 bit endian conversion since the
FIFO must operate on DWORD pairs.
Add-On Address Offset:
20h
Power-up value:
XXXXXXXXh
Attribute:
Read/Write
Size:
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com