Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 87 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 87 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 83Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 84Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 85Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 86Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 87Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 88Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 89Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 90Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 91Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
87
Data Sheet
Figure 39. Serial Interface Definition of Start and Stop
Figure 40. Serial Interface Clock/Data Relationship
Figure 41. Serial Interface Byte Access — Write
Figure 42. Serial Interface Byte Access — Read
SCL
SDA
START BIT
STOP BIT
DAT A
ST ABLE
DAT A
ST ABLE
DAT A
CHANGE
SCL
SDA
SLAVE
ADDRESS
DATA
1 0 1 0
WORD
ADDRESS
*
S
T
A
R
T
A
C
K
A
C
K
A
C
K
R/W
0
S
T
O
P
SLAVE
ADDRESS
1 0 1 0
WORD
ADDRESS
S
T
A
R
T
A
C
K
A
C
K
R/W
0
DATA
*
A
C
K
1
SLAVE
ADDRESS
1 0 1 0
S
T
A
R
T
A
C
K
R/W
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com