Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 29 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 29 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 25Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 26Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 27Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 28Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 29Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 30Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 31Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 32Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 33Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
29
Data Sheet
Vendor Identification Register (VID)
The VID register contains the vendor identification
number. This number is assigned by the PCI Special
Interest Group and is intended to uniquely identify any
PCI device. Write operations from the PCI interface
have no effect on this register. After reset is removed,
this field can be boot-loaded from the external non-vol-
atile device (if present and valid) so that other
legitimate PCI SIG members can substitute their ven-
dor identification number for this field.
Figure 7. Vendor Identification Register
Register Name:
Vendor Identification
Address Offset:
00h-01h
Power-up value:
10E8h (AMCC, Applied Micro Cir-
cuits Corp.)
Boot-load:
External nvRAM offset 040h-41h
Attribute:
Read Only (RO)
Size:
16 bits
Table 17. Vendor Identification Register
Bit
Description
15:0
Vendor Identification Number: This is a 16 bit-value assigned to AMCC.
15
0
10E8h
Vendor Identification Register (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com