Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 101 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 101 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 97Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 98Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 99Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 100Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 101Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 102Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 103Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 104Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 105Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
101
Data Sheet
Target Requested Retries
When the S5335 FIFO registers are accessed (S5335
as a target) and data is unavailable (empty FIFO) for
read transfers or cannot be accepted for write trans-
fers (full FIFO), the S5335 immediately terminates the
cycle by requesting a retry. The S5335 also initiates a
retry for Pass-Thru writes where the Add-On has not
completed the preceding Pass-Thru write by asserting
PTRDY#, and for Pass-Thru reads where the Add-On
cannot supply data within 8 PCI clocks (16 clocks for
the first data phase of a burst). A retry is requested by
a target asserting both STOP# and DEVSEL# while
TRDY# is deasserted. Figure 57 shows the behavior
of the S5335 when performing a target-initiated retry.
Target Aborts
A target abort termination represents an error condi-
tion where no number of retries will produce a
successful target access. A target abort is uniquely
identified by the target deasserting DEVSEL# and
TRDY# while STOP# is asserted. When a target per-
forms an abort, it must also set bit 11 of its PCI Status
register. The S5335 configuration and operation regis-
ters never respond with a target abort when accessed.
If the S5335 encounters this condition when operating
as a PCI initiator, the S5335 sets bit 12 (received tar-
get abort) in the PCI Status register. Figure 58depicts
a target abort cycle.
Target termination types are summarized in Table 55.
Figure 57. Target-Initiated Retry
Table 55. Target Termination Types
Termination
DEVSEL#
STOP#
TRDY#
Comment
Disconnect
on
on
on
Data is transferred. Transaction needs to be reinitiated to complete.
Retry
on
on
off
Data was not transferred. Transaction should be tried later.
Abort
off
on
off
Data was not transferred. Fatal error.
PCI CLOCK
FRAME #
IRDY#
TRDY#
STOP#
DEVSEL#
1
2
3
INITIATOR
SEQUENCES IRDY#
+ FRAME# TO RETURN
TO IDLE STATE
45
TARGET
RETRY
SIGNALED
(T)
(T)
(T)
(I)
(I)
(I) = DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com