Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 104 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 104 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 100Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 101Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 102Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 103Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 104Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 105Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 106Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 107Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 108Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
104
Data Sheet
Bus Acquisition
Once GNT# is asserted, giving bus ownership to the
S5335, the S5335 must wait until the PCI bus
becomes idle. This delay is called bus acquisition
latency and involves the state of the signals FRAME#
and IRDY#. The current bus master must complete its
current transaction before the S5335 may drive the
bus. Table 56 depicts the four possible combinations
of FRAME# and IRDY# with their interpretation.
Target Latency
The PCI specification requires that a selected target
relinquish the bus should an access to that target
require more than eight PCI clock periods (16 clocks
for the first data phase in a burst). Slow targets can
exist within the PCI specification by using the target
initiated retry. This prevents slow target devices from
potentially monopolizing the PCI bus and also allows
more accurate estimations for bus access latency.
Target Locking
It is possible for a PCI bus master to obtain exclusive
access to a target (“locking”) through use of the PCI
bus signal LOCK#. LOCK# is different from the other
PCI bus signals because its ownership may belong to
any bus master, even if it does not currently have own-
ership of the PCI bus. The ownership of LOCK#, if not
already claimed by another master, may be achieved
by the current PCI bus master on the clock period fol-
lowing the initial assertion of FRAME#. Figure 61
describes the signal relationship for establishing a
lock. The ownership of LOCK#, once established, per-
sists even while other bus masters control the bus.
Ownership can only be relinquished by the master
which originally established the lock.
Figure 61. Engaging the LOCK# Signal
Table 56. Possible Combinations of FRAME# and IRDY#
FRAME#
IRDY#
Description
deasserted
deasserted
Bus Idle
deasserted
asserted
The initiator is ready to complete the last data transfer of a transaction.
asserted
deasserted
An Initiator has a transaction in progress but is not able to complete the data transfer on this
clock.
asserted
asserted
An initiator has a transaction in progress and is able to complete a data transfer.
PCI CLOCK
FRAME #
LOCK #
AD[31:0]
IRDY#
TRDY#
DEVSEL#
ADDRESS
DATA
1
2
3
4
5
TARGET
BECOMES
LOCKED
LOCK
MECHANISM
AVAILABLE
UPON FIRST
ACCESS
LOCK MECHANISM
AVAILABLE
LOCK ESTABLISHED
LOCK MAINTAINED
BUS
IDLE
STILL DRIVEN BY PREVIOUS
OWNER (TARGET IS LOCKED)
6
(T)
(T)
(T)
(I)
(I)
(I)
(I) = DRIVEN BY INITIATOR
(T) = DRIVEN BY TARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com