Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 107 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 107 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 103Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 104Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 105Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 106Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 107Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 108Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 109Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 110Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 111Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
107
Data Sheet
ADD-ON BUS INTERFACE
This chapter describes the Add-On bus interface for
the S5335. The S5335 is designed to support connec-
tion to a variety of microprocessor buses and/or
peripheral devices. The Add-On interface controls
S5335 operation through the Add-On Operation Reg-
isters. These registers act as the Pass-Thru, FIFO,
non-volatile memory and mailbox interfaces as well as
offering control and status information.
Depending on the register being accessed, the inter-
face may be synchronous or asynchronous. To
enhance performance and simplify Add-On logic
design, some registers allow direct access with a sin-
gle device input pin. Asynchronous burst read and
write FIFO operations are not recommended. The fol-
lowing sections describe the various interfaces to the
PCI bus and how they are accessed from the Add-On
interface.
ADD-ON OPERATION REGISTER
ACCESSES
The S5335 Add-On bus interface is very similar to that
of a memory or peripheral device found in a micropro-
cessor-based system. A 32-bit data bus with individual
read and write strobes, a chip enable and byte
enables are provided. Other Add-On interface signals
are provided to simplify Add-On logic design.
Accesses to the S5335 registers are done primarily
synchronously to BPCLK. For S5335 functions that
are compatible with an Add-On microprocessor inter-
face, it is helpful to allow an asynchronous interface,
as the processor may not operate at the PCI bus clock
frequency.
Add-On Interface Signals
The Add-On interface provides a small number of sys-
tem signals to allow the Add-On to monitor PCI bus
activity, indicate status conditions (interrupts), and
allow Add-On bus configuration. A standard bus inter-
face is provided for Add-On Operation Register
accesses.
System Signals
BPCLK and SYSRST# allow the Add-On interface to
monitor the PCI bus status. BPCLK is a buffered ver-
sion of the PCI clock. The PCI clock can operate from
0 MHz to 33 MHz. SYSRST# is a buffered version of
the PCI reset signal, and may also be toggled by host
application software through bit 24 of the Bus Master
Control/Status Register (MCSR).
IRQ# is the Add-On interrupt output. This signal is
active low and can indicate a number of conditions.
Add-On interrupts may be generated from the mailbox
or FIFO interfaces. The exact conditions which gener-
ate an interrupt are discussed in the mailbox and FIFO
chapters. The interrupt output is deasserted when
acknowledged by an access to the Add-On Interrupt
Control/Status Register (AINT). All interrupt sources
are cleared by writing a one to the corresponding inter-
rupt bit.
The MODE input on the Add-On interface configures
the datapath width for the Add-On interface. MODE
low indicates a 32-bit data bus. MODE high indicates a
16-bit data bus. For 16-bit operation, BE3# is rede-
fined as ADR1, providing an extra address input.
ADR1 selects the low or high words of the 32-bit
S5335 Add-On Operation Registers.
Register Access Signals
Simple register accesses to the S5335 Add-On Opera-
tion Registers take two forms: synchronous to BPCLK
and asynchronous. The following signals are required
to complete a register access to the S5335.
BE[3:0]#
Byte Enable Inputs. These S5335 inputs
identify valid byte lanes during Add-On transac-
tions. When MODE is set for 16-bit operation,
BE2# is not defined and BE3# becomes ADR1.
ADR[6:2]
Address Inputs. These address pins identify
the specific Add-On Operation Register being
accessed. When configured for 16-bit operation
(MODE=1), an additional input, ADR1 is available
to allow the 32-bit operation registers to be
accessed with two 16-bit cycles.
RD#
Read Strobe Input.
WR#
Write Strobe Input.
SELECT#
Chip Select Input. This input identifies a
valid S5335 access.
DQ[31:0]
Bidirectional Data Bus. These I/O pins are
the S5335 data bus. When configured for 16-bit
operation, only DQ[15:0] are valid.
In addition, there are dedicated signals for FIFO
accesses (RDFIFO# and WRFIFO#) and Pass-Thru
address accesses (PTADR#). These are discussed
separately in the FIFO and Pass-Thru sections of this
chapter.
The internal interfaces of the S5335 allow Add-On
Operation Registers to be accessed asynchronous to
BPCLK (synchronous to the rising edge of the read or
write strobe). The exception to this is the Add-On Gen-
eral Control/Status Register. This is due to the async
nature of FIFO status bits changing as the PCI bus
reads data. For Pass-Thru operations, the Pass-Thru
Data Register accesses are synchronous to BPCLK to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com