Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 127Page - Renesas Technology Corp SH7616 Datasheet HTML 128Page - Renesas Technology Corp SH7616 Datasheet HTML 129Page - Renesas Technology Corp SH7616 Datasheet HTML 130Page - Renesas Technology Corp SH7616 Datasheet HTML 131Page - Renesas Technology Corp SH7616 Datasheet HTML 132Page - Renesas Technology Corp SH7616 Datasheet HTML 133Page - Renesas Technology Corp SH7616 Datasheet HTML 134Page - Renesas Technology Corp SH7616 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 105 of 906
REJ09B0292-0200
2.6
Usage Notes
2.6.1
When not using DSP instructions
When DSP instructions are not used, execute the following dummy instruction in the initialization
section of application software in order to reduce the operating current.
PCLR
A0 : Clear the A0 register.
PSHA
#5, A0 : 5 bit shift to left.
2.6.2
When executing a combination of double-precision multiplication or double-
precision product-sum operation (CPU instruction) and DSP computing
instruction
When double-precision multiplication (MUL.L, DMULU.L, DMULS.L) or double-precision
product-sum operation (MAC.L) in CPU instructions is executed in combination with DSP
computing instruction (when the following conditions 1 and 2 are met simultaneously), a
malfunction may occur in the instructions indicated in 2-b.
1. Execution of instructions from the internal memory or cache.
2. Execution of the following instruction strings in the order of a, b and c.
a. Double-precision multiplication (MUL.L, DMULU.L, DMULS.L) or double-precision
product-sum operation (MAC.L)
b. DSP computing instruction excluding PMULS, PSTS and PLDS
c.
Execution of PMLS, PSTS or PLDS instruction
The above caution also applies when there is a delayed jump instruction immediately before the
above 2-a, and the instruction 2-a is in a delayed slot, and the instructions 2-b and 2-c are
described continuously at the jump destination.
To prevent the malfunction, take one of the following measures.
1 Do not execute the instruction string described in the above condition 2.
2. When the instruction string described in the above condition 2 exists on the instruction code
and if no problem is caused by switching instructions b and c, switch the locations of
instructions b and c.
3. When the instruction string described in the above condition 2 exists on the instruction code
and if a problem is caused by switching instructions b and c, insert one or more NOP
instructions or CPU instructions that are not related to the multiplier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com