Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 129Page - Renesas Technology Corp SH7616 Datasheet HTML 130Page - Renesas Technology Corp SH7616 Datasheet HTML 131Page - Renesas Technology Corp SH7616 Datasheet HTML 132Page - Renesas Technology Corp SH7616 Datasheet HTML 133Page - Renesas Technology Corp SH7616 Datasheet HTML 134Page - Renesas Technology Corp SH7616 Datasheet HTML 135Page - Renesas Technology Corp SH7616 Datasheet HTML 136Page - Renesas Technology Corp SH7616 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 107 of 906
REJ09B0292-0200
Section 3 Oscillator Circuits and Operating Modes
3.1
Overview
Operation of the on-chip clock pulse generator, and CS0 area bus width specification, are
controlled by the operating mode pins. A crystal resonator or external clock can be selected as the
clock source.
3.2
On-Chip Clock Pulse Generator and Operating Modes
3.2.1
Clock Pulse Generator
A block diagram of the on-chip clock pulse generator circuit is shown in figure 3.1.
CAP1
CKIO
MD2
MD0
MD1
CKPACK*
Oscillator
On/Off
PLL circuit 1
PLL circuit 2
×1, ×2, ×4
CAP2
EXTAL
XTAL
CKPREQ/CKM
Clock mode control circuit
DIVP
1/1
1/2
1/4
Note: See section 21.4.4, Clock Pause Function.
E
φ
External interface
clock
I
φ
CPU/DSP core
clock
P
φ
Peripheral module
clock
The relationship between the
internal clock frequencies is:
I
φ ≥ Eφ ≥ Pφ.
Maximum frequencies are:
I
φ, Eφ ≤ 62.5 MHz, Pφ ≤ 31.25 MHz.
DIVE
1/1
1/2
1/4
DIVM
1/1
1/2
1/4
φ system clock
Figure 3.1 Block Diagram of Clock Pulse Generator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com