Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 131Page - Renesas Technology Corp SH7616 Datasheet HTML 132Page - Renesas Technology Corp SH7616 Datasheet HTML 133Page - Renesas Technology Corp SH7616 Datasheet HTML 134Page - Renesas Technology Corp SH7616 Datasheet HTML 135Page - Renesas Technology Corp SH7616 Datasheet HTML 136Page - Renesas Technology Corp SH7616 Datasheet HTML 137Page - Renesas Technology Corp SH7616 Datasheet HTML 138Page - Renesas Technology Corp SH7616 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 109 of 906
REJ09B0292-0200
3.2.2
Clock Operating Mode Settings
Table 3.2 lists the functions and operation of clock modes 0 to 6.
Table 3.2
Operating Modes
Clock Mode
Function/Operation
Clock Source
0
PLL circuits 1 and 2 operate. A clock is output with the same
phase (with the same frequency as E
φ) as the internal clocks
(I
φ, Eφ, Pφ) from the CKIO pin
PLL circuits 1 and 2 can be switched between the operating
and halted states by means of control bits in the frequency
modification register (FMR). The CKIO pin can also be placed
in the high-impedance state
Normally, mode 0 should be used.
Crystal resonator/
external clock input
1
PLL circuits 1 and 2 operate. A clock (with the same
frequency as E
φ) 1/4 φ cycle in advance of the chip's internal
system clock
φ is output from the CKIO pin.
PLL circuits 1 and 2 can be switched between the operating
and halted states by means of control bits in the frequency
modification register (FMR). The CKIO pin can also be placed
in the high-impedance state. However, clock phase shifting is
not performed when PLL circuit 1 is halted.
Normally, mode 0 should be used.
2
Only PLL circuit 2 operates. The clock from PLL circuit 2 is
output from the CKIO pin (having the same frequency as the
E
φ). As PLL circuit 1 does not operate, phases are not
matched in this mode
PLL circuit 2 can be switched between the operating and
halted states by means of a control bit in the frequency
modification register (FMR). The CKIO pin can also be placed
in the high-impedance state
3
Only PLL circuit 2 operates. The CKIO pin is high-impedance
PLL circuit 2 can be switched between the operating and
halted states by means of a control bit in the frequency
modification register (FMR)
4
Only PLL circuit 1 operates. Operate PLL circuit 1 when
operating with synchronization of the phases of the clock
input from the CKIO pin and the internal clocks (I
φ, Eφ, Pφ).
PLL circuit 2 does not operate in this mode
PLL circuit 1 can be switched between the operating and
halted states by means of a control bit in the frequency
modification register (FMR)
External clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com