Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 130Page - Renesas Technology Corp SH7616 Datasheet HTML 131Page - Renesas Technology Corp SH7616 Datasheet HTML 132Page - Renesas Technology Corp SH7616 Datasheet HTML 133Page - Renesas Technology Corp SH7616 Datasheet HTML 134Page - Renesas Technology Corp SH7616 Datasheet HTML 135Page - Renesas Technology Corp SH7616 Datasheet HTML 136Page - Renesas Technology Corp SH7616 Datasheet HTML 137Page - Renesas Technology Corp SH7616 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 108 of 906
REJ09B0292-0200
Pin Configuration: Table 3.1 lists the functions relating to the pins relating to the oscillator
circuit.
Table 3.1
Pin Configuration
Pin Name
I/O
Function
CKIO
I/O
External clock input pin or internal clock output pin
XTAL
O
Connects to the crystal resonator
EXTAL
I
Connects to the crystal resonator or to the external clock input when
using PLL circuit 2
CAP1
I
Connects to capacitance for operating PLL circuit 1
CAP2
I
Connects to capacitance for operating PLL circuit 2
MD0
I
The level applied to these pins specifies the clock mode
MD1
I
MD2
I
CKPREQ/CKM I
Used as the clock pause request pin, or specifies operation of the crystal
resonator
CKPACK
O
Clock pause function
PLL Circuit 1: PLL circuit 1 eliminates phase differences between external clocks and clocks
supplied internally within the chip. In high-speed operation, the phase difference between the
reference clocks and operating clocks in the chip directly affects the interface margin with
peripheral devices
. On-chip PLL circuit 1 is provided to eliminate this effect.
PLL Circuit 2: PLL circuit 2 either leaves unchanged, doubles, or quadruples the frequency of
clocks provided from the crystal resonator or the EXTAL pin external clock input for the chip
operating frequency
. The frequency modification register sets the clock frequency multiplication
factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com