Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 134Page - Renesas Technology Corp SH7616 Datasheet HTML 135Page - Renesas Technology Corp SH7616 Datasheet HTML 136Page - Renesas Technology Corp SH7616 Datasheet HTML 137Page - Renesas Technology Corp SH7616 Datasheet HTML 138Page - Renesas Technology Corp SH7616 Datasheet HTML 139Page - Renesas Technology Corp SH7616 Datasheet HTML 140Page - Renesas Technology Corp SH7616 Datasheet HTML 141Page - Renesas Technology Corp SH7616 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 112 of 906
REJ09B0292-0200
3.2.3
Connecting a Crystal Resonator
Connecting a Crystal Resonator: Figure 3.2 shows an example of crystal resonator connection.
The values of damping resistance R and load capacitances CL1 and CL2 should be decided after
investigating the components in collaboration with the manufacturer of the crystal oscillator to be
used. The crystal resonator should be an AT-cut parallel-oscillator type. Place the crystal resonator
and its load capacitors as close as possible to the XTAL and EXTAL pins.
Other signal lines should be routed away from the oscillator circuit to prevent induction from
interfering with correct oscillation.
High level
Notes: 1. The CKIO pin is an output in clock modes 0,1, and 2. In mode 3, it is high impedance.
2. The values for CL1, CL2, and the damping resistance should be determined after
consultation with the crystal resonator manufacturer.
CL1
R
CKPREQ/CKM
CKIO
EXTAL
XTAL
Output or high
impedance
CL2
Figure 3.2 Example of Crystal Oscillator Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com