Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 136Page - Renesas Technology Corp SH7616 Datasheet HTML 137Page - Renesas Technology Corp SH7616 Datasheet HTML 138Page - Renesas Technology Corp SH7616 Datasheet HTML 139Page - Renesas Technology Corp SH7616 Datasheet HTML 140Page - Renesas Technology Corp SH7616 Datasheet HTML 141Page - Renesas Technology Corp SH7616 Datasheet HTML 142Page - Renesas Technology Corp SH7616 Datasheet HTML 143Page - Renesas Technology Corp SH7616 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 114 of 906
REJ09B0292-0200
3.2.5
Operating Frequency Selection by Register
Using the frequency modification register (FMR), it is possible to specify the operating frequency
division ratio for the internal clocks (I
φ, Eφ, Pφ). The internal clock frequency is determined under
the control of PLL circuits 1 and 2 and dividers DIVM, DIVE, and DIVP.
Frequency Modification Register (FMR): The frequency modification register is initialized only
by a power-on reset via the
RES pin, and not by an internal reset resulting from WDT overflow.
Its initial value depends on the settings of pins MD2–MD0. Table 3.4 shows the relationship
between the MD2–MD0 pin combinations and the initial value of the frequency modification
register.
Table 3.4
Relationship between Clock Mode Pin Settings and Initial Value of Frequency
Modification Register
Clock Mode
MD2
MD1
MD0
Initial Value
Mode 0
000H'00
Mode 1
0
0
1
Mode 2
010H'40
Mode 3
011H'60
Mode 4
100H'A6
Mode 5
1
0
1
Mode 6
110H'E0
The register configuration is shown in table 3.5.
Table 3.5
Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Frequency modification register
FMR
R/W
See table 3.4*
H'FFFFFE90
Note: * The initial value depends on the clock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com