Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 132Page - Renesas Technology Corp SH7616 Datasheet HTML 133Page - Renesas Technology Corp SH7616 Datasheet HTML 134Page - Renesas Technology Corp SH7616 Datasheet HTML 135Page - Renesas Technology Corp SH7616 Datasheet HTML 136Page - Renesas Technology Corp SH7616 Datasheet HTML 137Page - Renesas Technology Corp SH7616 Datasheet HTML 138Page - Renesas Technology Corp SH7616 Datasheet HTML 139Page - Renesas Technology Corp SH7616 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 110 of 906
REJ09B0292-0200
Clock Mode
Function/Operation
Clock Source
5
Only PLL circuit 1 operates. Operate PLL circuit 1 when
operating with a 1/4
φ cycle lag of the clock input from the
CKIO pin and the internal clocks (I
φ, Eφ, Pφ) with respect to
system clock
φ. PLL circuit 2 does not operate in this mode
PLL circuit 1 can be switched between the operating and
halted states by means of control bits in the frequency
modification register (FMR). However, clock phase shifting is
not performed when PLL circuit 1 is halted.
Normally, mode 4 should be used.
External clock input
6
PLL circuits 1 and 2 do not operate. Set this mode when a
clock having a frequency equal to that of clocks the clock
input from the CKIO pin is used
The internal clock frequency can be changed in each clock mode (see section 3.2.5, Operating
Frequency Selection by Register).
In clock modes 4 to 6, the frequency of the clock input from the CKIO pin can be changed, or the
clock can be stopped (see section 21.4.4, Clock Pause Function).
Table 3.3 lists the relationship between pins MD2 to MD0 and the clock operating mode. Do not
switch the MD2–MD0 pins while they are operating. Switching will cause operating errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com