Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 137Page - Renesas Technology Corp SH7616 Datasheet HTML 138Page - Renesas Technology Corp SH7616 Datasheet HTML 139Page - Renesas Technology Corp SH7616 Datasheet HTML 140Page - Renesas Technology Corp SH7616 Datasheet HTML 141Page - Renesas Technology Corp SH7616 Datasheet HTML 142Page - Renesas Technology Corp SH7616 Datasheet HTML 143Page - Renesas Technology Corp SH7616 Datasheet HTML 144Page - Renesas Technology Corp SH7616 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 115 of 906
REJ09B0292-0200
Bit:
7
654
321
0
PLL2ST
PLL1ST CKIOST
—
FR3
FR2
FR1
FR0
Initial value:
—
—
—
0
0
—
—
0
R/W:
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
Bit 7—PLL2ST: Switching is possible in modes 0 to 3. In modes 4 to 6, PLL circuit 2 cannot be
used. In these modes, this bit always reads 1.
Bit 7: PLL2ST
Description
0
PLL circuit 2 used
1
PLL circuit 2 not used
Bit 6—PLL1ST: Switching is possible in modes 0, 1, 4, and 5. In modes 2, 3, and 6, PLL circuit 1
cannot be used. In these modes, this bit always reads 1.
Bit 6: PLL1ST
Description
0
PLL circuit 1 is used
1
PLL circuit 1 is not used
Bit 5—CKIOST: Setting is possible in modes 0 to 3. In modes 4 to 6, the CKIO pin is an input
pin. In these modes, this bit always reads 1.
Bit 5: CKIOST
Description
0
The CKIO pin outputs E
φ
1
The CKIO pin is in the high-impedance state (Do not place CKIO in the high-
impedance state when PLL circuit 1 is operating)
Bit 4—Reserved: This bit is always read as 0. The write value should always be 0.
Bits 3 to 0—FR3 to FR0: The internal clock frequency and CKIO output frequency (modes 0–2)
can be set by frequency setting bits FR3–FR0. The values that can be set in bits FR3–FR0 depend
on the mode and whether PLL circuit 1 and PLL circuit 2 are operating or halted. The following
tables show the values that can be set in FR3–FR0, and the internal clock and CKIO output
frequency ratios, taking the external input clock frequency as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com